PART |
Description |
Maker |
BT169D BT169DW BT169BW BT169GW BT169W BT169EW BT16 |
Thyristors logic level(可控硅逻辑电平) 1 A, 600 V, SCR Thyristor logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT169D BT169G |
Thyristors logic level
|
Tiger Electronic Co.,Ltd
|
BT169B BT169G BT169 BT169D BT169G112 BT169G126 |
Thyristors logic level - I<sub>GT</sub>: 0.2 mA; I<sub>T</sub> (R<sub>MS</sub>): 0.8 A; V<sub>DRM</sub>: 600 V; Package: SOT54 (TO-92); Container: Ammo pack axial radial taped 0.8 A, 600 V, SCR, TO-92 Thyristors logic level - I<sub>GT</sub>: 0.2 mA; I<sub>T</sub> (R<sub>MS</sub>): 0.8 A; V<sub>DRM</sub>: 600 V; Package: SOT54 (TO-92); Container: Bulk pack 0.8 A, 600 V, SCR, TO-92
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT258U-600R127 |
Thyristors logic level - I<sub>GT</sub>: 0.2 mA; I<sub>T</sub> (R<sub>MS</sub>): 8 A; V<sub>DRM</sub>: 600 V; Package: week 1, 2005
|
NXP SEMICONDUCTORS
|
2N6073AG |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 400 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-225
|
ON Semiconductor
|
MAC08MT1G |
Sensitive Gate Triacs Silicon Bidirectional Thyristors 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-261AA
|
ON Semiconductor
|
MAC218A10FP MAC218-10FP MAC218-6FP MAC218-4FP MAC2 |
ISOLATED TRIACs THYRISTORS 8 AMPERES RMS 200 thru 800 VOLTS 400 V, 8 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
MOTOROLA[Motorola Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|
T2500NFP T2500BFP T2500DFP T2500FP T2500MFP |
SPST to 4PST Slide DIP Switches 隔震可控硅晶闸管6安培RMS00通过800 ISOLATED TRIACs THYRISTORS 6 AMPERES RMS 200 thru 800 VOLTS 400 V, 6 A, 4 QUADRANT LOGIC LEVEL TRIAC
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
FT0405MH FT0404BH FT0407DH FT0408DH FT0404DH FT040 |
600 V, 10 mA logic level TRIAC 400 V, 10 mA logic level TRIAC 200 V, 10 mA logic level TRIAC 200 V, 5 mA logic level TRIAC 600 V, 5 mA logic level TRIAC 400 V, 5 mA logic level TRIAC Logic Level TRIACs 逻辑电平双向可控
|
Fagor Electronic Theatre Controls, Inc.
|
MAC99706 MAC997B8RLRP MAC997 MAC997A6 MAC997A6RL1 |
400 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Ammunition Box; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Tape and Reel; Qty per Container: 2000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs; Package: TO-92 (TO-226) 5.33mm Body Height; No of Pins: 3; Container: Bulk; Qty per Container: 5000 600 V, 0.8 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-92 Sensitive Gate Triacs Silicon Bidirectional Thyristors
|
ONSEMI[ON Semiconductor]
|
FDN361 FDN361AN |
N-Channel/ Logic Level/ PowerTrench N-Channel, Logic Level, PowerTrenchビヌ N-Channel, Logic Level, PowerTrenchΤΜ
|
Fairchild Semiconductor Corporation
|